|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DB 25-005 ... DB 25-16 Square bridge Three-Phase Si-Bridge Rectifiers DB 25-005 ... DB 25-16 Forward Current: 25 A Reverse Voltage: 50 to 1600 V Absolute Maximum Ratings Symbol Conditions Values Units Publish Data Features Mechanical Data Characteristics Symbol Conditions Values Units Dimensions in mm 1 26-10-2004 SCT (c) by SEMIKRON DB 25-005 ... DB 25-16 Fig. 1 : Forward characteristics (typical values) Fig. 2 : Rated forward current vs. ambient temperature 2 26-10-2004 SCT (c) by SEMIKRON |
Price & Availability of DB25-16 |